PART |
Description |
Maker |
MAX8877 MAX8877C_DXY MAX8877EUKXY-T MAX8877-MAX887 |
Low-Noise, Low-Dropout, 150mA Linear Regulators with ?982 Pinout Low-Noise, Low-Dropout, 150mA Linear Regulators with 2982 Pinout From old datasheet system Low-Noise, Low-Dropout, 150mA Linear Regulators with ‘2982 Pinout Low-Noise / Low-Dropout / 150mA Linear Regulators with 2982 Pinout AC Series Door Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Rod Actuator, Silver Contacts, Screw Termination Low-Noise, Low-Dropout, 150mA Linear Regulators with 982 Pinout 低噪声,低压差,150mA的线性稳压器的\u0026#39;2982引脚
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
MIC39500-2.5WT MIC39500-2.5WU MIC39500-1.8BT MIC39 |
5A 渭Cap Low-Voltage Low-Dropout Regulator 5A μCap Low-Voltage Low-Dropout Regulator 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-263 2.5 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSSO5 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-220 1.8 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSFM5
|
Micrel Semiconductor, Inc.
|
5962R0250401HXC |
Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References DC至DC转换
|
Vishay Intertechnology, Inc.
|
SG2001-3.0 SG2001-3.0XN5_TR SG2001-3.3 SG2001-3.3X |
150mA, Low Power, Low Noise Low Dropout, Linear Regulators
|
Shengbang Microelectronics Co, Ltd
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
MIIC5271 MIIC5271BM5 MIIC5271-3.0BM5 MIIC5271-5.0B |
UCAP NEGATIVE LOW DROPOUT REGULATOR μCap Negative Low-Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. http://
|
LX8610-25CDM LX8610-33CDM LX8610-XX LX8610-33CST L |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PDSO4 1A BICMOS VERY LOW DROPOUT REGULATORS
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
CLM2951 CLM2951AC CLM2951ACP-X CLM2951ACS-X CLM295 |
3 V, 150 mA low dropout voltage regulator 5 V, 150 mA low dropout voltage regulator 150mA Low Dropout Voltage Regulators 150mA的低压差稳压 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
LX8630-00CDD LX8630-00CP LX8630-25CDD LX8630-25CP |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 3A BiCMOS Very Low Dropout Regulators
|
MICROSEMI[Microsemi Corporation]
|
CYT6206A15 CYT6206A28 |
400mA low-power low-dropout linear voltage regulator
|
CYT
|